Part Number Hot Search : 
74479 TIP121 MRF166W 08783 IRF1404Z TB0193A S355JD MCBC2450
Product Description
Full Text Search
 

To Download MC14094BCPG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 may, 2013 ? rev. 9 1 publication order number: mc14094b/d mc14094b 8-stage shift/store register with three-state outputs the mc14094b combines an 8 ? stage shift register with a data latch for each stage and a 3 ? state output from each latch. data is shifted on the positive clock transition and is shifted from the seventh stage to two serial outputs. the q s output data is for use in high ? speed cascaded systems. the q s output data is shifted on the following negative clock transition for use in low ? speed cascaded systems. data from each stage of the shift register is latched on the negative transition of the strobe input. data propagates through the latch while strobe is high. outputs of the eight data latches are controlled by 3 ? state buffers which are placed in the high ? impedance state by a logic low on output enable. features ? 3 ? state outputs ? capable of driving two low ? power ttl loads or one low ? power schottky ttl load over the rated temperature range ? input diode protection ? data latch ? dual outputs for data out on both positive and negative clock transitions ? useful for serial ? to ? parallel data conversion ? pin ? for ? pin compatible with cd4094b ? these devices are pb ? free and are rohs compliant ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable maximum ratings (voltages referenced to v ss ) symbol parameter value unit v dd dc supply voltage range ? 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) ? 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 1) 500 mw t a ambient temperature range ? 55 to +125 c t stg storage temperature range ? 65 to +150 c t l lead temperature (8 ? second soldering) 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. temperature derating: plastic ?p and d/dw? packages: ? 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautio ns must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com marking diagrams pdip ? 16 p suffix case 648 mc14094bcp awlyywwg soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 14094bg awlyww 14 094b alyw   a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free indicator soeiaj ? 16 f suffix case 966 mc14094b alywg see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 16 1 1 16 1 16 1 16
mc14094b http://onsemi.com 2 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q7 q6 q5 output enable v dd q s q s q8 q1 clock data strobe v ss q4 q3 q2 pin assignment truth table clock output enable strobe data parallel outputs serial outputs q1 q n q s * q s 0 x x z z q7 no chg. 0 x x z z no chg. q7 1 0 x no chg. no chg. q7 no chg. 1 1 0 0 q n ? 1 q7 no chg. 1 1 1 1 q n ? 1 q7 no chg. 1 1 1 no chg. no chg. no chg. q7 z = high impedance x = don?t care * at the positive clock edge, information in the 7th shift register stage is transferred to q8 and q s . ordering information device package shipping ? MC14094BCPG pdip ? 16 (pb ? free) 500 units / rail mc14094bdg soic ? 16 (pb ? free) 48 units / rail mc14094bdr2g soic ? 16 (pb ? free) 2500 units / tape & reel nlv14094bdr2g* mc14094bdtr2g tssop ? 16 (pb ? free) 2500 units / tape & reel nlv14094bdtr2g* mc14094bfelg soeiaj ? 16 (pb ? free) 2000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc14094b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? (voltages referenced to v ss ) ?????????? ?????????? ?????????? characteristic ???? ???? ???? ??? ??? ??? ????? ????? ? 55  c ????????? ?????????  c ????? ?????  c ??? ??? ??? ??? ??? ??? ??? ???? ???? ??? ??? ???? ???? ??? ??? ??? ??? ?????????? ?????????? ?????????? ?????????? ?????????? output voltage ?0? level v in = v dd or 0 ?1? level v in = 0 or v dd ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ???? ???? ???? ? ? ? ??? ??? ??? 0 0 0 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 0.05 0.05 0.05 ??? ??? ??? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 4.95 9.95 14.95 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 4.95 9.95 14.95 ??? ??? ??? ? ? ? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 2.25 4.50 6.75 ???? ???? ???? ???? ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? 1.5 3.0 4.0 ??? ??? ??? ??? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? ???? 3.5 7.0 11 ??? ??? ??? ??? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? 3.5 7.0 11 ??? ??? ??? ??? ? ? ? ??? ??? ??? ??? vdc ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ? ???? ???? ???? ???? ???? ? 2.4 ? 0.51 ? 1.3 ? 3.4 ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ? ? ? ? ??? ??? ??? ??? ??? ? 1.7 ? 0.36 ? 0.9 ? 2.4 ??? ??? ??? ??? ??? ? ? ? ? ??? ??? ??? ??? ??? madc ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ? ? ? ???? ???? ???? 0.51 1.3 3.4 ??? ??? ??? ???? ???? ???? ? ? ? ??? ??? ??? 0.36 0.9 2.4 ??? ??? ??? ? ? ? ??? ??? ??? madc ?????????? ?????????? ???? ???? ??? ??? ??? ??? ? ??? ??? 0.1 ???? ???? ? ??? ??? 0.00001 ???? ???? 0.1 ??? ??? ? ??? ??? 1.0 ??? ???  adc ?????????? ?????????? ?????????? ???? ???? ???? ??? ??? ??? ? ??? ??? ??? ??? ??? ??? ???? ???? ???? ??? ??? ??? 5.0 ???? ???? ???? ??? ??? ??? ? ??? ??? ??? ??? ??? ??? pf ?????????? ?????????? ?????????? ???? ???? ???? ??? ??? ??? ??? ??? ??? ? ? ? ??? ??? ??? 5.0 10 20 ???? ???? ???? ? ? ? ??? ??? ??? 0.005 0.010 0.015 ???? ???? ???? ??? ??? ??? ? ? ? ??? ??? ??? 150 300 600 ??? ??? ???  adc ?????????? ?????????? ?????????? ?????????? ?????????? ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ????????????????? ????????????????? ????????????????? ????????????????? ?????????????????  a/khz) f + i dd i t = (14  a/khz) f + i dd i t = (140  a/khz) f + i dd ??? ??? ??? ??? ???  adc ?????????? ?????????? ? state output leakage current ???? ???? ??? ??? ??? ??? ? ??? ??? 0.1 ???? ???? ? ??? ??? 0.0001 ???? ???? 0.1 ??? ??? ? ??? ??? 3.0 ??? ???  a 2. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance. 3. the formulas given are for the typical characteristics only at 25  c. 4. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l ? 50) vfk where: i t is in  a (per package), c l in pf, v = (v dd ? v ss ) in volts, f in khz is input frequency, and k = 0.001.
mc14094b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (5) (c l = 50 pf, t a = 25  c) ??????????????? ??????????????? characteristic ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? output rise and fall time t tlh , t thl = (1.35 ns/pf) c l + 33 ns t tlh , t thl = (0.6 ns/pf) c l + 20 ns t tlh , t thl = (0.4 ns/pf) c l + 20 ns ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 100 50 40 ???? ???? ???? ???? ??? ??? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? ???? 350 125 95 ???? ???? ???? ???? ???? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 230 110 75 ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 420 195 135 ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? 290 145 100 ???? ???? ???? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 140 75 55 ???? ???? ???? ???? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? 225 95 70 ???? ???? ???? ???? ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ns ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? ???? ???? ???? 15 5.0 4.0 ??? ??? ???  s ??????????????? ??????????????? ??????????????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ? ? ? ???? ???? ???? 2.5 5.0 6.0 ???? ???? ???? ??? ??? ??? ??????????????? ??????????????? ??????????????? ??????????????? ????? ????? ????? ????? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ? ? ? ??? ??? ??? ??? ns 5. the formulas given are for the typical characteristics only at 25  c. 6. data labelled ?typ? is not to be used for design purposes but is intended as an indication of the ic?s potential performance.
mc14094b http://onsemi.com 5 3 ? state test circuit for t phz and t pzh v ss for t plz and t pzl v dd r1 output 50 pf o.e. clock st data figure 1. r1 = 1 k = t phl , t plh r1 = 10 k = t phz , t pzh , t plz , t pzl register stage 1 block diagram latch 1 3-state buffer 1 15 2 serial data in output enable clock clock strobe clock clock clock clock strobe strobe strobe v dd 4 5 6 7 14 13 12 11 10 9 q1 q2 q s q3 q4 q5 q6 q7 q8 q s 2 3 4 5 6 7 8 register stage 2 register stage 3 register stage 4 register stage 5 register stage 6 register stage 7 register stage 8 latch 2 latch 3 latch 4 latch 5 latch 6 latch 7 latch 8 3-state buffer2 3-state buffer3 3-state buffer4 3-state buffer5 3-state buffer6 3-state buffer7 3-state buffer8 clock clock strobe strobe clock clock clock clock clock clock strobe strobe clock strobe 3 1 *input protection diodes * * * *
mc14094b http://onsemi.com 6 10 dynamic timing diagram 3 15 clock 2 data in 1 strobe output enable n q1  q7 9 q s q s t wh 50% t su t h t wl 50% t r t f 90% 10% 50% 50% t pzl t pzh t phz t phl t plh t plh t plz 10% 90% 10% 90% 90% 90% 10% 10% 50% 50% 50% 50% t phl t plh t thl t tlh t plh t phl
mc14094b http://onsemi.com 7 package dimensions pdip ? 16 p suffix case 648 ? 08 issue t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ? a ? b f c s h g d j l m 16 pl seating 18 9 16 k plane ? t ? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
mc14094b http://onsemi.com 8 package dimensions soic ? 16 d suffix case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch 16 89 8x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc14094b http://onsemi.com 9 package dimensions tssop ? 16 dt suffix case 948f ? 01 issue b 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc14094b http://onsemi.com 10 package dimensions soeiaj ? 16 f suffix case 966 ? 01 issue a h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc14094b/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC14094BCPG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X